Part Number Hot Search : 
EL400 8822A HD1077G GT15J101 FS22AAP PJQA5V6 TC74VHCT 515PWO4C
Product Description
Full Text Search
 

To Download NTE159 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE159 Silicon PNP Transistor Audio Amplifier, Switch (Compl to NTE123AP)
Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0A Total Device Dissipation (TA = 25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 625mW Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mW/C Total Device Dissipation (TC = 25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12mW/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Thermal Resistance, Junction to Case, RJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83.3C/W Thermal Resistance, Junction to Ambient, RJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200C/W Note 1. Matched complementary pairs are available upon request (NTE159MCP). Matched complementary pairs have their gain specification (hFE) matched to within 10% of each other. Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current V(BR)CEO IC = 10mA, IB = 0 V(BR)CBO IC = 10A, IE = 0 V(BR)EBO IE = 10A, IC = 0 ICBO IEBO VCB = 50V, IE = 0 VCB = 50V, IE = 0, TA = +75C Emitter Cutoff Current 80 80 5 - - - - - - - - - - - - 50 5 100 V V V nA A nA Symbol Test Conditions Min Typ Max Unit
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter ON Characteristics DC Current Gain hFE VCE = 10V, IC = 0.1mA VCE = 10V, IC = 1mA VCE = 10V, IC = 10mA VCE = 10V, IC = 100mA VCE = 10V, IC = 500mA Collector-Emitter Saturation Voltage VCE(sat) VBE(sat) VBE(on) fT Cob Cib hie hre hfe hoe NF IC = 150mA, IB = 15mA, Note 2 IC = 500mA, IB = 50mA, Note 2 Base-Emitter Saturation Voltage IC = 150mA, IB = 15mA, Note 2 IC = 500mA, IB = 50mA, Note 2 Base-Emitter ON Voltage Small-Signal Characteristics Current Gain-Bandwidth Product Output Capacitance Input Capacitance Input Impedance Voltage Feedback Ratio Small-Signal Current Gain Output Admittance Noise Figure Switching Characteristics Turn-On Time Turn-Off Time ton toff VCC = 30V, VBE(off) = 3.8V, IC = 500mA, IB1 = 50mA VCC = 30V, IC = 500mA, IB1 = IB2 = 50mA - - - - 100 400 ns ns IC = 50mA, VCE = 10V, f = 100MHz VCB = 10V, IE = 0, f = 100kHz VCB = 10V, IE = 0, f = 100kHz IC = 10mA, VCE = 10V, f = 1kHz IC = 10mA, VCE = 10V, f = 1kHz IC = 10mA, VCE = 10V, f = 1kHz IC = 10mA, VCE = 10V, f = 1kHz IC = 100A, VCE = 10V, RS = 1k, f = 1kHz 100 - - - - - - - - - - 550 100 200 100 - 500 30 110 - - - - 3 mhos dB MHz pF pF k x 10-6 IC = 500mA, VCE = 500mV 25 40 50 40 30 - - - - - - - - - - - - - - - - - 250 - - 0.15 0.5 0.9 1.1 1.1 V V V V V Symbol Test Conditions Min Typ Max Unit
Note 2. Pulse Test: Pulse Width 300s, Duty Cycle 2%.
.135 (3.45) Min
.210 (5.33) Max
Seating Plane
.500 (12.7) Min
.021 (.445) Dia Max
EBC .100 (2.54) .050 (1.27)
.165 (4.2) Max
.105 (2.67) Max .105 (2.67) Max .205 (5.2) Max


▲Up To Search▲   

 
Price & Availability of NTE159

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X